Part Number Hot Search : 
1N3331R 80ZFP PE430608 15VXR180 284319 2KBP02 CRO2700A H11AX
Product Description
Full Text Search
 

To Download GS-BT2416ATI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS-BT2416C1
Bluetooth class 1 module
Features

Bluetooth specification V.1.2 compliant Output power class 1 ( 20 dBm max) Transmission rate up to 721Kbps Working distance up to 100 meters ACL & SCO links AFH interference resistance Supports USB (1.1) /UART/PCM (Pulse Code Modulation) /SPI/I2C interfaces Optimized link manager and control Support wireless LAN coexistence in collocated scenario Integrated 4Mbit flash, 64Kbytes RAM, 4KBytes ROM 3.3V single supply voltage Hardware based UART flow control
Order codes
GS-BT2416C1
Description
Applications

Serial cable replacement Industrial control POS terminals Data acquisition equipment Internet access points Machine control Sensor monitoring Security control
Robotic and bionic control Patient monitoring Audio gateway applications Hands-free sets Wireless printers Cordless terminals Laptops, PCs and accessories Hand held devices and accessories HID devices (keyboard, mouse, joystick, game controller)
bs O
let o
Pr e
du o
(s) ct
so Ob -
ST Bluetooth Modules are highly integrated for easy implementation in embedded applications. Class 1 modules enable wireless communication with other Bluetooth enabled devices up to 100 m away. The GS-BT2416C1 integrates on a unique FR4 PCB support: BT 1.2 radio and baseband, memory, 32 KHz and 13 MHz oscillators, Vreg as well as PA function. The antenna has not been included in order to grant a degree of freedom to the user in selecting the most suitable design and placement between external and integrated antenna that could be SMA aerial or a low cost antenna trace designed on PCB. For more details please refer to GS-BT2416C1DB Application Note. Modules are coming without any SW to offer a further freedom degree to user that can embed his own solution or any available BT certified SW upon his choose and preference.
te le
ro P
uc d
s) t(
Certification
CE Compliant IMQ Exp. Opinion 0081AREF0017 - Safety EN60950-1 (2001) - EMC EN301 489 17V1.2.1 - Radio ES 300 328 V1.6 BQB compliant
1/11
www.st.com 11
August 2007
Rev 3
Contents
GS-BT2416C1
Contents
1 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 1.2 Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Operating ranges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2 3 4 5 6 7
I/O specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Bluetooth section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Mechanical dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
2/11
GS-BT2416C1
Maximum ratings
1
1.1
Maximum ratings
Absolute maximum ratings
Operation of the module beyond these limits is not guaranteed. Sustained exposure to these limits will adversely affect device reliability. Table 1.
Symbol VDD VIN Tstg Tsold
Absolute maximum ratings
Values Parameter Min Module supply voltage Input voltage on any digital pin Storage temperature Soldering temperature Max 4 Vss1-0.5 Vdd+0.3 -40 +85 240 V V C Unit
1.2
Operating ranges
Operating ranges define the limits for functional operation and parametrics characteristics of the module. Functionality outside these limits is not implied Table 2.
Symbol VDD Tstg
Operating ranges
Parameter Module supply voltage Operating ambient temperature
bs O
let o
od Pr e
uc
(s) t
so Ob -
te le
ro P
Min 3.13 -20
uc d
s) t(
Values Unit Typ 3.3 Max 3.47 +70 V C
Conditions
-20C < T < 70 C
3/11
I/O specification
GS-BT2416C1
2
I/O specification
Table 3.
Symbol Vil Vih Vhyst Vol Voh
DC Input / Output specification
Values Parameter Low level input voltage High level input voltage Schmitt trigger hysteresis Low level output voltage High level output voltage Conditions Min 3.13 V < VDD < 3.47 V 3.13 V < VDD < 3.47 V 3.13 V < VDD < 3.47 V Io load = pin drive capability Io load = pin drive capability VDD0.15 2 0.4 0.15 Typ Max 0.8 V V V V V Unit
3
Bluetooth section
Table 4.
Symbol Ptr Sens Flim CHs Hop
Bluetooth section
Parameter Transmission power Sensitivity
Conditions
Frequency limit channel space Hopping
RF ck
bs O
let o
BB ck Tra Trs
ro P e
Iop
uc d
(s) t
Ob -
3.13V < VDD < 3.47V -70 2402
so
te le
ro P
Min
uc d
18
s) t(
Unit
Values Typ Max 20 dBm dBm 2480 1 1600 13 32 721 432 180 60 MHz MHz hops/ sec MHz kHz kbits/ sec kbits/ sec mA mA
3.13V < VDD < 3.47V 3.13V < VDD < 3.47V
RF crystal oscillator Baseband crystal oscillator Transmission rate asyncronous
Transmission rate syncronous Operation current TX Mode Operation current RX Mode
4/11
GS-BT2416C1
Block diagram
4
Block diagram
Figure 1. Block diagram
UART USB PCM SPI I2C GPIO
32kHz XTAL
13MHz XTAL PA SW LNA Filter
RF antenna
STA2416 Baseband ARM7 proc
STLC2150 Radio chip
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
5/11
Pin settings
GS-BT2416C1
5
Pin settings
Table 5.
Pin N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Pin description
Name Vss1 Vdd GPIO0 GPIO1 GPIO2 GPIO3 GPIO4 GPIO5 ---GPIO7 GPIO8 GPIO9 I/O --GND Module supply voltage- Single 3.3V Description
I/O General purpose I/O line I/O General purpose I/O line I/O General purpose I/O line I/O General purpose I/O line I/O General purpose I/O line I/O General purpose I/O line I/O Not to be used Internally used for RX/TX switch
I/O General purpose I/O line I/O General purpose I/O line I/O General purpose I/O line --32kHz Out
LP CLOCK OUT GPIO11 -------------
I/O General purpose I/O line I/O I/O I/O I/O
Not to be used Internally used for TX gain setting Not to be used Internally used for TX gain setting Not to be used Internally used for TX gain setting Not to be used Internally used for TX gain setting JTAG pin JTAG pin JTAG pin JTAG pin JTAG pin If not used connect to VSS1
19
O
bs
let o
20
Pr e
du o
TDI
(s) ct
so Ob -
te le
ro P
uc d
s) t(
TDO TMS
21 22 23 24
NTRST TCK I2C_dat I2C_clk I/O I/O
I2C bus interface data To be connected to VDD with 10 K resistor I2C bus interface clock To be connected to VDD with 10 K resistor
25
6/11
GS-BT2416C1 Table 5.
Pin N
Pin settings Pin description (continued)
Name I/O Description External Interrupt signal Internally connected to VSS1 with 10K / If not used connect to VSS1
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44
INT1 PCM_SYNC PCM_CLK PCM_A PCM_B USB_DN USB_DP UART2_RXD UART2_TXD UART2_I1 UART2_02 SPI_FRM SPI_CLK SPI_TXD SPI_RXD 1V8 3V3 Vss1 2V7
I
I/O PCM 8kHz synch I/O PCM clock I/O PCM Data In/Out I/O PCM Data In//Out I/O I/O I O I O USB data If not used connect to VSS1 USB data + If not used connect to VSS1 UART2 data input If not used connect to VDD UART2 data output UART2 clear to send input If not used connect to VDD UART2 ready to send output
I/O Syncronous Serial Interface frame synch I/O Syncronous Serial Interface clock
O/T Syncronous Serial Interface transmit data I O Syncronous Serial Interface receive data If not used connect to VSS1 1.8V digital supply out ( test purpose) To be left Not Connected 3.3V I/O power supply out ( test purpose) To be left Not Connected
bs O
let o
45 46 47 48 49 50 51
ro P e
du
(s) ct
O O I I O I ----
so Ob -
te le
ro P
uc d
s) t(
GND ( test purpose) To be left Not Connected 2.7 digital core supply out ( test purpose) To be left Not Connected Reset pin ( active low) External downloading Enable ( active low) Internally pul-upped to 1.8V by 10kohm UART1 data output UART1 data input If not used connect to VDD
RESET BOOT
UART10_TXD UART11_RXD Vss2 ( RF GND) +ANTENNA Vss2 (RF GND)
RF GND Antenna out RF GND
7/11
Mechanical dimensions
GS-BT2416C1
6
Mechanical dimensions
Figure 2. Mechanical dimensions
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
8/11
GS-BT2416C1 Figure 3. Land pattern and connection diagram
Mechanical dimensions
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
9/11
Revision history
GS-BT2416C1
7
Revision history
Table 6.
Date 12-Dec-2006 26-Jan-2007 30-Aug-2007
Revision history
Revision 1 2 3 First release Updated Table 4: Bluetooth section on page 4 Updates involved: Cover page, Table 4 on page 4, Table 5 on page 6. Changes
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
10/11
GS-BT2416C1
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
O
bs
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of GS-BT2416ATI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X